|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SY SERIES MINIATURE RELAY 1 POLE--1 to 2A (FOR SIGNAL SWITCHING) SY SERIES n FEATURES l l RoHS compliant Verysmallsizeandlightweight UL,CSArecognized l ConformstoFCCrulesandregulationspart68 --Dielectricstrength000VACbetweencoilandcontacts --Surgestrength500V l Highsensitivity l Wide ambient temperature range (-30C to +90C) l Wideoperatingrange l DILpitchterminals l Plasticsealedtype l Dial-pulserelayavailable(0pps,20pps) l RoHS compliant since date code: 0519 Pleaseseepage5formoreinformation n ORDERING INFORMATION [Example] (a) (b) (c) (d) SY - 2 W - K (a) (b) (c) (d) SY:SYSeries RefertotheCOILDATACHART Nil:Singletype W:Bifurcatedtype K:Plasticsealedtype SeriesName NominalVoltage Contact Enclosure Note: For movable and stationary contact with gold overlay type, add suffix "-OH" SY SERIES n COIL DATA CHART MODEL Single SY-1.5-K SY- 3 -K SY-4.5-K SY- 5 -K SY- 6 -K SY- 9 -K SY-12 -K SY-18 -K SY-24 -K Bifurcated SY-1.5W-K SY- 3 W-K SY-4.5W-K SY- 5 W-K SY- 6 W-K SY- 9 W-K SY-12 W-K SY-18 W-K SY-24 W-K Nominal voltage 1.5 VDC 3 VDC 4.5 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 24 VDC Coil resistance (10%) 15 60 135 167 240 540 960 1,940 3,290 Must operate voltage 1.05 VDC 2.1 VDC 3.2 VDC 3.5 VDC 4.2 VDC 6.3 VDC 8.4 VDC 12.6 VDC 16.8 VDC Must release voltage 0.08 VDC 0.15 VDC 0.23 VDC 0.25 VDC 0.3 VDC 0.45 VDC 0.6 VDC 0.9 VDC 1.2 VDC Nominal power 150 mW 150 mW 150 mW 150 mW 150 mW 150 mW 150 mW 170 mW 175 mW Note:Allvaluesinthetablearemeasuredat20C. 2 SY SERIES n SPECIFICATIONS Contact Coil TimeValue Life Other Item Arrangement Material Configuration Resistance (initial) Rating(resistive) MaximumCarryingCurrent MaximumSwitchingPower MaximumSwitchingVoltage MaximumSwitchingCurrent MinimumSwitchingLoad* Capacitance(at0MHz) NominalPower(at20C) OperatePower(at20C) Operating Temperature Operate(atnominalvoltage) Release(atnominalvoltage) Mechanical Electrical(atcontactrating) VibrationMisoperation ResistanceEndurance ShockMisoperation ResistanceEndurance Weight SY-( ) -K (Single) SY-( ) W - K (Bifurcated) formC(SPDT) Goldoverlaysilverpalladium Single (cross bar) Maximum 100 m (at 1 A 6 VDC) 0.5A20VACorA24VDC 2A 60AV,24W 20VAC/60VDC A mAVDC0.mA00mVDC Approximately.4pF(betweenopencontacts) Approximately5.0pF(betweencoilandcontacts) 50to75mW 75to86mW -30C to +90C (no frost)/18 V coil: +85C, 24 V coil: +80C Maximum5ms Maximum2ms 5x06operationsminimum x05operationsminimum 0to55Hz(doubleamplitudeof.5mm) 0to55Hz(doubleamplitudeof.5mm) 00m/s2(ms) ,000m/s2(6ms) Approximately.7g Bifurcated (cross bar) * Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand expectedreliabilitylevels. n INSULATION Item Resistance(initial) Dielectric Strength SurgeVoltage opencontacts coilandcontacts Single Minimum 1,000 M (500VDC) 400VACmin. ,000VACmin. 500V(coil-contact)(0/60sstandardwave) Bifurcated Minimum 1,000 M (250VDC) 00VACmin. SY SERIES n SAFETY STANDARD AND FILE NUMBERS Type UL Compliance UL508,87 E45026 Contactrating Flammability: UL 94-V0 (plastics) [SJ-()A0] A,265VAC(resistive) [SJ-()D0] A,0VDC(resistive) CSA C22.2No.4 LR 35579 n CHARACTERISTIC DATA 4 SY SERIES n REFERENCE DATA n DIMENSIONS l Dimensions l Schematics (BottomView) l PC board mounting hole layout (BottomView) Unit:mm 5 SY SERIES RoHS Compliance and Lead Free Relay Information 1. General Information Relays produced after the specific date code that is indicated on each data sheet are lead-free now.Mostofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-.0Ag-0.5Cu. l AllsignalandmostpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l It has been verified that using lead-free relays in leaded assembly process will not cause any problems(compatible). l "LF" is marked on each outer and inner carton. (No marking on individual relays). l To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note: Cadmium was exempted from RoHSon October 21, 2005. (Amendment to Directive 2002/95/EC) l 2. Recommended Lead Free Solder Profile l RecommendedsolderpasteSn-.0Ag-0.5Cu. Reflow Solder condition Flow Solder condition: Pre-heating: Soldering: maximum 120C dipwithin5sec.at 260C soler bath Solder by Soldering Iron: SolderingIron Temperature: maximum 360C Duration: maximumsec. We highly recommend that you confirm your actual solder conditions 3. Moisture Sensitivity l MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest. 4. Tin Whisker l 6 SY SERIES Fujitsu Components International Headquarter Offices Japan FujitsuComponentLimited Gotanda-ChuoBuilding -5,Higashigotanda2-chome,Shinagawa-ku Tokyo4,Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email:promothq@ft.ed.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan25 22WVHoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 02EPasirPanjangRoad #0-0CitilinkWarehouseComplex Singapore 118529 Tel:(65)675-8560 Fax:(65)627-02 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/ (c)2008FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice. Rev.January,2008. 7 |
Price & Availability of SY-12W-K |